PART |
Description |
Maker |
DS1863 DS1863ETR |
Burst-Mode PON Controller With Integrated Monitoring
|
Maxim Integrated Products
|
VSC7716 |
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
|
Vitesse Semiconductor Corporation
|
VSC7967 |
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor C...
|
NU-33B54B-R-A NU-33B54B-P-A NU-33B54B-P NU-33B54B- |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc
|
NU-33B54B-P-A NU-33B54B-R-A |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc.
|
LT-54B33B-P-AG LT-54B33B-PG LT-54B353B-PG |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
|
Optoway Technology Inc
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
R7731 |
Burst Triple-Mode PWM Flyback Controller
|
Richtek Technology
|
DS1886T |
SFP and PON ONU Controller with Digital LDD Interface
|
MAXIM - Dallas Semiconductor
|
LTC3859AMPUHFPBF |
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
|
Linear Technology
|
MB82DBS04164E-70L |
64 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
S71WS-P S71WS512PC0HF3SR3 S71WS512PC0HF3SR2 S71WS5 |
1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM 1.8伏只x16同步写,突发模式CellularRAM的闪存记忆体 1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM SPECIALTY MEMORY CIRCUIT, PBGA84
|
Spansion Inc. Spansion, Inc.
|